introducing the new pan1321i series bluetooth rf module compatible with apple devices such as the ipod?, iphone? and ipad?. the pan1321i series interfaces with the apple authentication coprocessor and supports ipod accessory protocol (iap) to enable bluetooth serial port data communication 1 with bluetooth enabled apple devices. the pan1321i series wireless bluetooth connectivity also includes compatibility with android, smart phones and most bluetooth enabled devices 2 . this new series of bluetooth rf modules is a highly integrated, cost engineered solution for bluetooth applications using serial port profle (spp). the pan1321i series is a comprehensive bluetooth system solution, with an integrated controller, gpio, at command set application program interface (api), antenna, bluetooth transceiver, spp profle, fcc and ic certifcations and bluetooth end product listing. using panasonics exclusive tiny footprint technology, incorporating a surface mount device (smd) land grid array (lga) package, the pan1321i series is just 15.6 mm by 8.7 mm! a fully shielded case protects the transceiver from nearby rf emitters, simplifying pcb layout. the pan1321i is qualifed to the bluetooth 2.0 standard. the new pan1321i is ideal for all applications migrating from usb or rs232 to wireless. the integrated bluetooth spp is easily accessed using a simple at command set. evaluation and development kits are available. product performance: ? supports ipod accessory protocol (iap) ? supported profles: rfcomm, spp device a and b ? complete bluetooth 2.0 + edr solution ? dimensions: 15.6 x 8.7 x 2.8 mm 3 ? ultra low power design ? certifcations: bluetooth , fcc, ce and ic ? no external components needed ? operating temperature range: -40oc to +85oc ? on-module voltage regulator. external supply 2.7-3.6v ? integrates arm7tdmi, ram and patchable 256k eeprom (for device confguration data and application) ? based upon infneons pmb8753/2 ? reference clock included ? low power clock from internal oscillator or external low power clock pan1321i part number: part numbers description ENW-89811A6KF pan1321i, bluetooth module v 2.0, edr, spp, with antenna eval_pan1321i pan1321i evaluation kit 1. apple authentication coprocessor and mfi certifcation is required. 2. connectivity requires that devices support bluetooth serial port profle. apple, ipod, iphone and ipad are registered trademarks of apple inc. android is trademark of google inc. the bluetooth ? word mark and logos are registered trademarks owned by bluetooth sig, inc. and any use of such marks by panasonic corpora - tion of north america is under license. other trademarks and trade names are those of their respective owners. new product introduction copyright ? 2011 panasonic corporation of north america. all rights reserved. specifcations are subject to change without notice. rev 1.0 pan1321inpi, fy11-076-xxx www.panasonic.com/ rfmodules piccomponentsmarketing@us.panasonic.com 1-800-344-2112 new product introduction new! pan1321 i series bluetooth ? rf module wireless bluetooth connectivity compatible with apple ? and android? devices p i design and specifcations are subject to change without notice. ask the factory for technical specifcations before purchase and/or use. if there is any doubt regarding the safety of this product, kindly inform us immediately for technical consultation. pan1450 rev. a w ireless m odules the pan1450 provides wireless interface per the bt 1.2 specifcation. interoperability and bt compliance testing have been completed for the bt chip zv4301 from zeevo, inc. to facilate rapid time-to-market. the bt chip incorporates a widely popular 32-bit arm7tdmi tm cpu core with suffcient bandwidth to support a wide range of embedded controller applications and the module provides full arm7 software development access. the pan1450 is manufactured in a 13,4 x 18,7 x 2,2 mm3 smd package and the only external component needed is an 50 ohm antenna. any customizations for the software can be handled with our recommended partners. overview - inquiry results with rssi (1.2) - adaptive frequency hopping (afh) enabled (1.2) - high throughput (>600 kbps) - hold-, park- and sniffmode - up to 128 bit encryption - audio capability on an sco channel - support for very low power modes - sleep and deep sleep - all bluetooth data rates (up to 57,6/723,2kbps) user interfaces - full-speed usb version 2.0 compliant - programmable baud rate uart (9,6 kbps - 921,6 kbps) - debug uart (duart) - 16 general purpose i/os (interruptible) - pcm audio (1 channel) - spi and jtag interface radio features - high sensitivity design (-86 dbm typ.) - integrated rf shield - class 2 module (0dbm typ. output power) - one antenna port features outlines - enw89803j p r o d u c t q u a l i f i e d b l u e t o o t h b01839 bluetooth-module pan1450 cut the cable tm
new product introduction new product introduction copyright ? 2011 panasonic corporation of north america. all rights reserved. specifcations are subject to change without notice. rev 1.0 pan1321inpi, fy11-076-xxx www.panasonic.com/ rfmodules piccomponentsmarketing@us.panasonic.com 1-800-344-2112 applications: ? most wireless applications ? smart phones ? proximity ? find me ? heart rate monitor ? generic i/o ? hvac ? battery monitor parameter value condition / notes receiver sensitivity (ber=10 -3 ) -86 dbm ideal signal output power +3 dbm @ 50 ohm antenna pin power supply 2.7 - 3.6 v single operation voltage ultra low power scan 80 u a t = 25c acl (transmit 3-dh1) 40 ma enhanced data rate, 531.2 kb/s (1) acl (receive 3-dh1) 37 ma enhanced data rate, 531.2 kb/s (1) operating temperature range -40c to + 85c technical specifcations for pan1321i: interfaces: the pan1321i serial port profle interface supports: ? 3.25 mbuad uart ? general purpose i/os with interrupt and wake-up capabilities ? jtag for boundary scan and debug block diagram pan1321i: (1) figure indicates maximum possible data rate with this packet type. total throughput depends on application and interface setting. pan1321i init commands ? make discoverable ? register local service ? auto accept requests ? connect request ? send stream data ? apple authentication lingo pan1321i bluetooth rf module series compatibility with apple devices compatibility with android devices pan1321i ? ? pan1321 ? compatibility comparison: apple, ipod, iphone and ipad are registered trademarks of apple inc. android is trademark of google inc. the bluetooth ? word mark and logos are registered trademarks owned by bluetooth sig, inc. and any use of such marks by panasonic corpora - tion of north america is under license. other trademarks and trade names are those of their respective owners.
|